PART |
Description |
Maker |
QL4016-0PG208M QL4016-0PG208M_883 QL4016-0PL84M QL |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
|
QuickLogic Corp. List of Unclassifed Manufacturers
|
QL4058-0PB456C QL4058-1PB456C QL4058-2PB456C QL405 |
58,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM. FPGA|1008-CELL|CMOS|QFP|240PIN|PLASTIC 58000 usable PLD gate quickRAM ESP combining performance,Density and Embedded RAM FPGA, 1008 CLBS, 131328 GATES, PQFP240 58000 usable PLD gate quickRAM ESP combining performance锛?ensity and Embedded RAM
|
List of Unclassifed Manufacturers QuickLogic Corp. QuickLogic, Corp.
|
QL6250-4PS484I QL6250-4PS484M QL6250-5PS484I QL625 |
Combining performance,density, and embedded RAM.
|
QuickLogic
|
QL7160 |
Combining Performance, Density and Embedded RAM
|
quicklogic
|
QL8050 QL8150 QL8250 QL8025 QL8325 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
|
ETC[ETC]
|
QL30252PF144C QL30250PF144C QL30250PF144I QL30250P |
25,000 usable PLD gate pASIC 3 FPGA combining high performance and high density. FPGA FPGA
|
QuickLogic List of Unclassifed Manufacturers ETC[ETC] Raltron Electronics, Corp. HIROSE ELECTRIC Co., Ltd.
|
QL2005 QL2005-1PQ208I QL2005-1PQ208C |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) 3.3V and 5.0V pASICò 2 FPGA
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(楂??锛?????瀵?害锛????????????у己??.3V??.0V pASIC 2绯诲??哄?缂???昏??ㄤ欢)
|
QuickLogic Corp.
|
QL2007 QL2007-0PF144I QL2007-0PL84C QL2007-0PL84I |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件)
|
List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|
TC1043CEQR TC1043 TC1043CEQRTR |
The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference ... The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference in a single 16-Pin package. This increased integration allows the user to replace two or three packages, Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
|
MICROCHIP[Microchip Technology]
|
CY3732VP352200AXC CY3764VP352200AXC CY37128VP35220 |
5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PQFP208 EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208 EE PLD, 15 ns, PQFP100 PLASTIC, TQFP-100 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQFP208 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA256 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA352 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 20 ns, PBGA352
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
|